Part Number Hot Search : 
PSPW120 HSBD234 FQU630 00380 5953A P15N05 141000 SK70720
Product Description
Full Text Search
 

To Download 2SD1992A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SD1992A
Silicon NPN epitaxial planer type
Unit: mm
For general amplification Complementary to 2SB1321A I Features
* Low collector to emitter saturation voltage VCE(sat) * Allowing supply with the radial taping
6.90.1
0.15
0.7
4.0
1.05 2.50.1 (1.45) 0.05 0.8
0.65 max.
1.0
0.45-0.05
+0.1
I Absolute Maximum Ratings Ta = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Rating 60 50 7 1 500 600 150 -55 to +150 Unit V V V A mA mW C C
1
2
3
0.45-0.05
2.50.5
2.50.5
+0.1
Note) In addition to the lead type shown in the upper figure, the type as shown in the lower figure is also available.
1: Emitter 2: Collector 3: Base MT1 Type Package
1.20.1 0.65 max. 0.45+ 0.1 - 0.05
2.50.1
(HW Type)
I Electrical Characteristics Ta = 25C 3C
Parameter Collector cutoff current Symbol ICBO ICEO Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage *1 Transition frequency Collector output capacitance Note) *1: Pulse measurement *2: Rank classification Rank hFE1 Q 85 to 170 R 120 to 240 S 170 to 340 No-rank 85 to 340 VCBO VCEO VEBO hFE1 *2 hFE2 *1 VCE(sat) fT Cob Conditions VCB = 20 V, IE = 0 VCE = 20 V, IB = 0 IC = 10 A, IE = 0 IC = 2 mA, IB = 0 IE = 10 A, IC = 0 VCE = 10 V, IC = 10 mA VCE = 10 V, IC = 500 mA IC = 300 mA, IB = 30 mA VCB = 10 V, IE = -10 mA, f = 200 MHz VCB = 10 V, IE = 0, f = 1 MHz 60 50 7 85 40 90 0.35 200 6 15 0.6 V MHz pF 340 Min Typ Max 0.1 1 Unit A A V V V
Product of no-rank is not classified and have no indication for rank.
14.50.5
0.85
3.50.1
0.8
1
2SD1992A
PC Ta
800
Transistors
IC VCE
800 700 Ta = 25C IB = 10 mA 9 mA 8 mA 7 mA 6 mA 5 mA 4 mA 400 300 200 100 0 3 mA 2 mA 1 mA 800 700
IC IB
VCE = 10 V Ta = 25C
Collector power dissipation PC (mW)
700
Collector current IC (mA)
600 500 400 300 200 100 0
600 500
Collector current IC (mA)
600 500 400 300 200 100 0
0
20
40
60
80 100 120 140 160
0
2
4
6
8 10 12 14 16 18 20
0
1
2
3
4
5
6
7
8
9 10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (mA)
VCE(sat) IC
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 Ta = 75C 25C -25C
VBE(sat) IC
100
hFE IC
300 VCE = 10 V
Base to emitter saturation voltage VBE(sat) (V)
IC / IB = 10
IC / IB = 10
30
Forward current transfer ratio hFE
250 Ta = 75C 200 25C -25C
10 3 25C 1 Ta = 75C -25C 0.3 0.1 0.03 0.01 0.01 0.03
150
100
50
0.1
0.3
1
3
10
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
fT IE
240 12
Cob VCB
Collector output capacitance Cob (pF) Collector to emitter voltage VCER (V)
VCB = 10 V Ta = 25C IE = 0 f = 1 MHz Ta = 25C
120
VCER RBE
IC = 2 mA Ta = 25C 100
Transition frequency fT (MHz)
200
10
160
8
80
120
6
60
80
4
40
40
2
20
0 -1
-2 -3 -5
-10
-20-30 -50 -100
0
0
1
2
3
5
10
20 30 50
100
1
3
10
30
100
300
1000
Emitter current IE (mA)
Collector to base voltage VCB (V)
Base to emitter resistance RBE (k)
2
Transistors
ICEO Ta
104 VCE = 10 V
2SD1992A
103
ICEO (Ta) ICEO (Ta = 25C)
102
10
1
0 20 40 60 80 100 120 140 160 180 200
Ambient temperature Ta (C)
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SD1992A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X